Part Number Hot Search : 
M62376E 6KE24 2N394 F75111R 50500 50500 SP600 2SK14
Product Description
Full Text Search
 

To Download 50SMCJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 june 7,2013-rev.00 5.0smcj series features ? for surface mounted applications in order to optimize board space. ? glass passivated junction ? low inductance ? plastic package has underwriters laboratory flammability classification 94v-o ? high temperature soldering : 260c /10 seconds at terminals ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: jedec do-214ab,molded plastic over passivated junction. ? terminals: solder plated,solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? standard packaging: 16mm tape (eia-481) ? weight: 0.0082 ounce, 0.232 gram maximum ratings and characteristics rating at 25cambient temperature unless otherwise specified. resistive or inductive load, 60hz. for capacitive load derate current by 20%. notes: 1.non-repetitive current pulse. 2.mounted on an fr4 pcb, single-sided copper, mini pad. 3.a transient suppressor is selected according to the working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. surface mount transient voltage suppressor peak pulse power 5000 watts stand-off voltage 58 to 100 volts 1 2 cathode anode rating symbol value units peak power dissipation (10/1000 ? s waveform) (notes 1) p pp 5000 watts peak pulse current on 10/1000 ? s waveform (notes 1) i ppm see table amps typical thermal resistance junction to air (notes 2) r ? ja 110 o c / w peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jeced method) i fsm 300 amps operating junction and storage temperature range t j ,t stg -55 to +150 o c 0.128(3.25) 0.108(2.75) 0.280(7.11) 0.260(6.60) 0.103(2.62) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.320(8.13) 0.305(7.75) 0.008(0.203) 0.002(0.051) 0.012(0.305) 0.006(0.152) 0.245(6.22) 0.220(5.59)
page . 2 june 7,2013-rev.00 5.0smcj series part number reverse stand-off voltage breakdown voltage te s t current reverse leakage max.clamp voltage 10/1000 ? s peak pulse current 10/1000 ? s marking code v rwm (notes 3) v br @ i t i t i r @ v rwm v c @ i pp i pp min. max. v v v ma ? a v a 5.0smcj58a 58 64.4 74.1 1 3 93.6 53.5 5hgg 5.0smcj60a 60 66.7 76.7 1 3 96.8 51.7 5hgk 5.0smcj64a 64 71.1 81.8 1 3 103 48.6 5hgm 5.0smcj70a 70 77.8 89.5 1 3 113 44.3 5hgp 5.0smcj75a 75 83.3 95.8 1 3 121 41.4 5hgr 5.0smcj78a 78 86.7 99.7 1 3 126 39.7 5hgt 5.0smcj85a 85 94.4 108.2 1 3 137 36.5 5hgv 5.0smcj90a 90 100 115.5 1 3 146 34.3 5hgx 5.0smcj100a 100 111 128 1 3 162 30.9 5hgz
page . 3 june 7,2013-rev.00 5.0smcj series td,pulse width,usec t,time,ms t ,ambient temperature, c a o i ,peak pulse current,% ppm 1 00 75 50 25 0 125 150 175 200 25 50 75 100 0 100 1000 10000 50 70 90 110 c j , junction capacitance (pf) v r , reverse bias voltage (v) vr=0v 0 50 100 150 200 250 300 350 1 10 100 i fs m - p eak forw ard surge current (a) num ber of cy c l es at 60hz
page . 4 june 7,2013-rev.00 5.0smcj series mounting pad layout order information ? packing information t/r - 3k per 13" plastic reel t/r - 0.5k per 7" plastic reel
page . 5 june 7,2013-rev.00 5.0smcj series part no_packing code_version 5.0smcj58a_r1_00001 5.0smcj58a_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 june 7,2013-rev.00 5.0smcj series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of 50SMCJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X